PART |
Description |
Maker |
ZS3A-80-G2 ZS3A-36-G2 ZS3A-58-G2 ZS3A-68-G2 ZS3A-7 |
180隆? TH Socket for PCB Mount 180掳 TH Socket for PCB Mount 180° TH Socket for PCB Mount
|
Yamaichi Electronics Co., Ltd.
|
MR36PF34 MR24PA1 MR24PA14 MR24PA2 MR24PA3 MR24PA34 |
MINIATURE RIBBON STRAIGHT PCB TAIL IDC FLAT CABLE SOLDER TERMINALS RIGHT ANGLE PCB MOUNT
|
Adam Technologies, Inc.
|
M1000-M05-R5725-NH M1000-M10-R5725-NH M1000-M20-R5 |
Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078渭m Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078μm
|
GSI Group, Inc.
|
M2000-M05-256-1-L155-C1 M2000-M10-256-1-L155-C1 M2 |
Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078渭m Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078μm
|
GSI Group, Inc.
|
F81A2500 |
REED RELAY / MERCURY CONTACT
|
celduc-relais
|
R0866P15 R0866P06 R072 R0720P00 |
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
|
celduc-relais
|
OC22E |
Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
|
Mercury United Electron...
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|